PART |
Description |
Maker |
BZV49Z0000C2Z |
C20 IEC Inlet - Vertical
|
List of Unclassifed Man...
|
TA35-CFTBKJ10 TA35-C2FBKJ10 TA35-C4FBKJ10 TA35-CFT |
IEC Appliance Inlet C20 with Circuit Breaker TA35 1-pole
|
Schurter Inc.
|
2711 2711-B-4810-B-002000 2711-B-4810-A-002500 271 |
2.5A, 250VAC, MALE, MAINS POWER CONNECTOR, PLUG Interconnection Cord with IEC Plug C, Angled 70°C Interconnection Cord with IEC Plug C, Angled 70隆?C
|
Schurter Inc.
|
EF12.ABTWF150C0.2210.01 EF12.ABTWF150C0.1110.01 EF |
IEC Appliance Inlet C20 with Filter, Circuit Breaker TA45 (recessed)
|
Schurter Inc.
|
4798.9100 4798.9000 4798.9200 |
IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
|
Schurter Inc.
|
1621-H-ABC0-D-E 1621 |
IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
|
Schurter Inc.
|
4302.5001 4302.5002 4302.5003 4302.5004 4302.5005 |
IEC Appliance Inlet C14 with Filter, Line Switch 1-pole Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 6A; Terminal Type: Quick Connect Tabs; Non-illuminated; qualified for use in equipment according To IEC/EN 60953 6A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER
|
Schurter Inc. SCHURTER AG
|
ABTWF150C0 |
IEC Appliance Inlet C20 with Circuit Breaker TA45
|
Schurter Inc.
|
1SV216 |
VARIABLE CAPACITANCE DIODE (TV VHF UHF TUNER AFC) INLET, IEC, SWITCHED, RED; Connector type:IEC; Gender:Plug; Current rating:10A; Voltage rating, AC:250V; Outlets, No. of:1; Termination method:Solder Lug; Series:POLYSNAP; Mounting type:Panel; Approval Bodies:UL, CSA, VDE, SEMKO, RoHS Compliant: Yes
|
http:// Toshiba Semiconductor Toshiba Corporation
|
5ST125-R 5STP400-R 5STP160-R 5ST5-R 5STP3.15-R 5ST |
Fuses, RoHS 125mA 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 0.125A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 400mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 160mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.16A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 5A 250V T IEC GLASS 5X20 Fuses, RoHS 3.15A 250V T IEC GLASS LEAD Fuses, RoHS 125mA 250V T IEC GLASS LEAD Fuses, RoHS 63mA 250V T IEC GLASS LEAD Fuses, RoHS 630mA 250V T IEC GLASS LEAD Fuses, RoHS 5A 250V T IEC GLASS LEAD Fuses, RoHS 800mA 250V T IEC GLASS 5X20
|
Bel Fuse, Inc. BEL FUSE INC
|
B82498-B3569-M B82498-B3279-M B82498-B3689-K |
Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 2,7 to 4700 nH Rated current 90 to 1000 mA 尺寸0805(EIA)和/012年(IEC)的额定电感2,7700 nH的额定电0一○○○毫
|
EPCOS AG
|
|